Part Number Hot Search : 
LF9501 FQA16N50 FERP10F 1583010 STN4102 MZP4731 MAX232CW WCS1702
Product Description
Full Text Search
 

To Download CAT25C256LI-18-GT3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CAT25C128/256
CAT25C128/256
128K/256K-Bit SPI Serial CMOS EEPROM FEATURES
I 5 MHz SPI Compatible I 1.8 to 5.5 Volt Operation I Hardware and Software Protection I Low Power CMOS Technology I SPI Modes (0,0 &1,1) I Industrial and Automotive I Self-Timed Write Cycle I 64-Byte Page Write Buffer I Block Write Protection
- Protect 1/4, 1/2 or all of EEPROM Array
I 100,000 Program/Erase Cycles I 100 Year Data Retention I RoHS-compliant packages
Temperature Ranges
DESCRIPTION
The CAT25C128/256 is a 128K/256K-Bit SPI Serial CMOS EEPROM internally organized as 16Kx8/32Kx8 bits. Catalyst's advanced CMOS Technology substantially reduces device power requirements. The CAT25C128/256 features a 64-byte page write buffer. The device operates via the SPI bus serial interface and is enabled through a Chip Select (CS). In addition to the Chip Select, the clock input (SCK), data in (SI) and data out (SO) are required to access the device. The HOLD pin may be used to suspend any serial communication without resetting the serial sequence. The CAT25C128/256 is designed with software and hardware write protection features including Block Lock protection. The device is available in 8-pin DIP, 8-pin SOIC, 14-pin TSSOP and 20-pin TSSOP packages.
PIN CONFIGURATION
SOIC Package (V**, X)
CS SO WP VSS 1 2 3 4 8 7 6 5 VCC HOLD SCK SI
BLOCK DIAGRAM
1 2 3 4 5 6 7 14 13 12 11 10 9 8
TSSOP Package (Y14)**
CS SO NC NC NC WP VSS V CC HOLD NC NC NC SCK SI
SENSE AMPS SHIFT REGISTERS
WORD ADDRESS BUFFERS
COLUMN DECODERS
DIP Package (L)
CS SO WP SS 1 2 3 4 8 7 6 5 VCC HOLD SCK SI
TSSOP Package (Y20)**
NC CS SO SO NC NC WP VSS NC NC
1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11
**CAT25C128 only.
NC V CC HOLD HOLD NC NC SCK SI NC NC
SO SI CS WP HOLD SCK
I/O CONTROL SPI CONTROL LOGIC BLOCK PROTECT LOGIC
CONTROL LOGIC
XDEC
EEPROM ARRAY
PIN FUNCTIONS
Pin Name SO SCK WP VCC VSS CS SI HOLD NC Function Serial data Output Serial Clock Write Protect Power Supply Ground Chip Select Serial Data Input Suspends Serial Input No Connect
DATA IN STORAGE HIGH VOLTAGE/ TIMING CONTROL STATUS REGISTER
For Ordering Information details, see page 11.
(c) 2005 by Catalyst Semiconductor, Inc. Characteristics subject to change without notice
1
Document No. 1018, Rev. I
CAT25C128/256 ABSOLUTE MAXIMUM RATINGS*
Temperature Under Bias ................. -55C to +125C Storage Temperature ....................... -65C to +150C Voltage on any Pin with Respect to VSS1) ................... -2.0V to +VCC +2.0V VCC with Respect to VSS ................................ -2.0V to +7.0V Package Power Dissipation Capability (Ta = 25C) ................................... 1.0W Lead Soldering Temperature (10 secs) ............ 300C Output Short Circuit Current(2) ........................ 100 mA RELIABILITY CHARACTERISTICS Symbol NEND
(3)
*COMMENT
Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions outside of those listed in the operational sections of this specification is not implied. Exposure to any absolute maximum rating for extended periods may affect device performance and reliability.
Parameter Endurance Data Retention ESD Susceptibility Latch-Up
Min. 100,000 100 2000 100
Max.
Units Cycles/Byte Years Volts mA
TDR(3) VZAP(3) ILTH(3)(4)
D.C. OPERATING CHARACTERISTICS VCC = +1.8V to +5.5V, unless otherwise specified. Limits Symbol ICC1 ICC2 ISB(5) ILI ILO VIL(3) VIH(3) VOL1 VOH1 VOL2 VOH2 Parameter Power Supply Current (Operating Write) Power Supply Current (Operating Read) Power Supply Current (Standby) Input Leakage Current Output Leakage Current Input Low Voltage Input High Voltage Output Low Voltage Output High Voltage Output Low Voltage Output High Voltage VCC-0.2 VCC - 0.8 0.2 -1 VCC x 0.7 Min. Typ. Max. 10 2 1 2 3 VCC x 0.3 VCC + 0.5 0.4 Units mA mA A A A V V V V V V 4.5VVCC<5.5V IOL = 3.0mA IOH = -1.6mA 1.8VVCC<2.7V IOL = 150A IOH = -100A VOUT = 0V to VCC, CS = 0V Test Conditions VCC = 5V @ 5MHz SO=open; CS=Vss VCC = 5.0V FCLK = 5MHz CS = VCC VIN = VSS or VCC
Note: (1) The minimum DC input voltage is -0.5V. During transitions, inputs may undershoot to -2.0V for periods of less than 20 ns. Maximum DC voltage on output pins is VCC +0.5V, which may overshoot to VCC +2.0V for periods of less than 20 ns. (2) Output shorted for no more than one second. No more than one output shorted at a time. (3) This parameter is tested initially and after a design or process change that affects the parameter according to appropriate AEC-Q100 and JEDEC test methods. (4) Latch-up protection is provided for stresses up to 100 mA on address and data pins from -1V to VCC +1V. (5) Maximum standby current (ISB ) = 10A for the Automotive and Extended Automotive temperature range. Document No. 1018, Rev. I
2
CAT25C128/256
PIN CAPACITANCE (1)
Applicable over recommended operating range from TA=25C, f=1.0 MHz, VCC=+5.0V (unless otherwise noted).
Symbol COUT CIN
Test Conditions Output Capacitance (SO) Input Capacitance (CS, SCK, SI, WP, HOLD)
Max. 8 6
Units pF pF
Conditions VOUT=0V VIN=0V
A.C. CHARACTERISTICS (CAT25C128) Limits Vcc= 1.8V-5.5V SYMBOL PARAMETER tSU tH tWH tWL fSCK tLZ tRI(1) tFI(1) tHD tCD tWC tV tHO tDIS tHZ tCS tCSS tCSH tWPS tWPH Data Setup Time Data Hold Time SCK High Time SCK Low Time Clock Frequency HOLD to Output Low Z Input Rise Time Input Fall Time HOLD Setup Time HOLD Hold Time Write Cycle Time Output Valid from Clock Low Output Hold Time Output Disable Time HOLD to Output High Z CS High Time CS Setup Time CS Hold Time WP Setup Time WP Hold Time 1000 1000 500 50 50 0 250 150 250 250 250 50 50 250 250 10 250 0 250 150 200 100 100 50 50 Min. 100 100 250 250 DC 1 50 2 2 250 250 10 250 0 100 50 Max. VCC = 2.5V-5.5V Min. 70 70 150 150 DC 3 50 2 2 40 40 5 80 Max. VCC = 4.5V-5.5V Min. 35 35 80 80 DC 5 50 2 2 Max. ns ns ns ns MHz ns s s ns ns ms ns ns ns ns ns ns ns ns ns CL = 50pF Test UNITS Conditions
NOTE: (1) This parameter is tested initially and after a design or process change that affects the parameter.
3
Document No. 1018, Rev. I
CAT25C128/256
A.C. CHARACTERISTICS (CAT25C256) Limits Vcc= 1.8V-5.5V SYMBOL PARAMETER
tSU tH tWH tWL fSCK tLZ tRI(3) tFI(3) tHD tCD tWC tV tHO tDIS tHZ tCS tCSS tCSH tWPS tWPH Data Setup Time Data Hold Time SCK High Time SCK Low Time Clock Frequency HOLD to Output Low Z Input Rise Time Input Fall Time HOLD Setup Time HOLD Hold Time Write Cycle Time Output Valid from Clock Low Output Hold Time Output Disable Time HOLD to Output High Z CS High Time CS Setup Time CS Hold Time WP Setup Time WP Hold Time 100 100 100 50 50 0 250 150 100 100 100 50 50 250 250 10 250 0 200 100 100 100 100 50 50 500 500 2500 2500 DC 0.2 100 2 2 100 100 10 200 0 200 100 100 100 100 50 50
VCC = 2.5V-5.5V
100 100 250 250 DC 2.0 50 2 2
VCC = 2.7V-5.5V
70 70 150 150 DC 2.5 50 2 2 100 100 10 200
VCC= 4.5V-5.5V
35 35 80 80 DC 5 50 2 2 40 40 5 80 0 100 50 ns ns ns ns MHz ns s s ns ns ms ns ns ns ns ns ns ns ns ns
Test
Min. Max. Min.
Max. Min.
Max. Min. Max. UNITS Conditions
CL = 50pF
NOTE: (3) This parameter is tested initially and after a design or process change that affects the parameter.
Document No. 1018, Rev. I
4
CAT25C128/256 FUNCTIONAL DESCRIPTION
The CAT25C128/256 supports the SPI bus data transmission protocol. The synchronous Serial Peripheral Interface (SPI) helps the CAT25C128/256 to interface directly with many of today's popular microcontrollers. The CAT25C128/256 contains an 8-bit instruction register. (The instruction set and the operation codes are detailed in the instruction set table) After the device is selected with CS going low, the first byte will be received. The part is accessed via the SI pin, with data being clocked in on the rising edge of SCK. The first byte contains one of the six op-codes that define the operation to be performed. SO: Serial Output SO is the serial data output pin. This pin is used to transfer data out of the CAT25C128/256. During a read cycle, data is shifted out on the falling edge of the serial clock. SCK: Serial Clock SCK is the serial clock pin. This pin is used to synchronize the communication between the microcontroller and the CAT25C128/256. Opcodes, byte addresses, or data present on the SI pin are latched on the rising edge of the SCK. Data on the SO pin is updated on the falling edge of the SCK. CS Chip Select CS: CS is the Chip select pin. CS low enables the CAT25C128/ 256 and CS high disables the CAT25C128/256. CS high takes the SO output pin to high impedance and forces the devices into a Standby Mode (unless an internal write operation is underway). The CAT25C128/256 draws ZERO current in the Standby mode. A high to low transition on CS is required prior to any sequence being initiated. A low to high transition on CS after a valid write sequence is what initiates an internal write cycle.
PIN DESCRIPTION
SI: Serial Input SI is the serial data input pin. This pin is used to input all opcodes, byte addresses, and data to be written to the 25C32/64. Input data is latched on the rising edge of the serial clock. Figure 1. Sychronous Data Timing
VIH
tCS
CS
VIL tCSS VIH tCSH
SCK
VIL tSU VIH
tWH tH
tWL
SI
VIL
VALID IN
tRI
tFI
tV VOH
tHO
tDIS HI-Z
SO
VOL
HI-Z
Note: Dashed Line= mode (1, 1) -- -- -- --
INSTRUCTION SET Instruction WREN WRDI RDSR WRSR READ WRITE Opcode 0000 0110 0000 0100 0000 0101 0000 0001 0000 0011 0000 0010 Operation Enable Write Operations Disable Write Operations Read Status Register Write Status Register Read Data from Memory Write Data to Memory
5
Document No. 1018, Rev. I
CAT25C128/256
WP: WP Write Protect WP is the Write Protect pin. The Write Protect pin will allow normal read/write operations when held high. When WP is tied low and the WPEN bit in the status register is set to "1", all write operations to the status register are inhibited. WP going low while CS is still low will interrupt a write to the status register. If the internal write cycle has already been initiated, WP going low will have no effect on any write operation to the status register. The WP pin function is blocked when the WPEN bit is set to 0. HOLD: HOLD Hold The HOLD pin is used to pause transmission to the CAT25C128/256 while in the middle of a serial sequence without having to re-transmit entire sequence at a later time. To pause, HOLD must be brought low while SCK is low. The SO pin is in a high impedance state during the time the part is paused, and transitions on the SI pins will be ignored. To resume communication, HOLD is brought high, while SCK is low. (HOLD should be held high any time this function is not being used.) HOLD may be tied high directly to Vcc or tied to Vcc through a resistor. Figure STATUS REGISTER 7 WPEN 6 X 5 X 4 X 3 BP1 2 BP0 1 WEL 0 RDY 9 illustrates hold timing sequence.
STATUS REGISTER
The Status Register indicates the status of the device. The RDY (Ready) bit indicates whether the CAT25C128/ 256 is busy with a write operation. When set to 1 a write cycle is in progress and when set to 0 the device indicates it is ready. This bit is read only. The WEL (Write Enable) bit indicates the status of the write enable latch . When set to 1, the device is in a Write Enable state and when set to 0 the device is in a Write Disable state. The WEL bit can only be set by the WREN instruction and can be reset by the WRDI instruction. The BP0 and BP1 (Block Protect) bits indicate which blocks are currently protected. These bits are set by the user issuing the WRSR instruction. The user is allowed to protect quarter of the memory, half of the memory or the entire memory by setting these bits. Once protected the user may only read from the protected portion of the array. These bits are non-volatile.
BLOCK PROTECTION BITS Status Register Bits BP1 BP0 0 0 1 1 0 1 0 1 Array Address Protected None 25C128: 3000-3FFF 25C256: 6000-7FFF 25C128: 2000-3FFF 25C256: 4000-7FFF 25C128: 0000-3FFF 25C256: 0000-7FFF Protection No Protection Quarter Array Protection Half Array Protection Full Array Protection
WRITE PROTECT ENABLE OPERATION Protected Blocks Protected Protected Protected Protected Protected Protected
6
WPEN 0 0 1 1 X X
WP X X Low Low High High
WEL 0 1 0 1 0 1
Unprotected Blocks Protected Writable Protected Writable Protected Writable
Status Register Protected Writable Protected Protected Protected Writable
Document No. 1018, Rev. I
CAT25C128/256
The WPEN (Write Protect Enable) is an enable bit for the WP pin. The WP pin and WPEN bit in the status register control the programmable hardware write protect feature. Hardware write protection is enabled when WP is low and WPEN bit is set to high. The user cannot write to the status register (including the block protect bits and the WPEN bit) and the block protected sections in the memory array when the chip is hardware write protected. Only the sections of the memory array that are not block protected can be written. Hardware write protection is disabled when either WP pin is high or the WPEN bit is zero. latch) to the device. Disabling writes will protect the device against inadvertent writes. READ Sequence The part is selected by pulling CS low. The 8-bit read instruction is transmitted to the CAT25C128/256, followed by the 16-bit address(the three Most Significant Bit is don't care for 25C256 and four most significant bits are don't care for 25C128). After the correct read instruction and address are sent, the data stored in the memory at the selected address is shifted out on the SO pin. The data stored in the memory at the next address can be read sequentially by continuing to provide clock pulses. The internal address pointer is automatically incremented to the next higher address after each byte of data is shifted out. When the highest address (7FFFh for 25C256 and 3FFFh for 25C128) is reached, the address counter rolls over to 0000h allowing the read cycle to be continued indefinitely. The readoperation is terminated by pulling the CS high.
DEVICE OPERATION
Write Enable and Disable The CAT25C128/256 contains a write enable latch. This latch must be set before any write operation. The device powers up in a write disable state when Vcc is applied. WREN instruction will enable writes (set the latch) to the device. WRDI instruction will disable writes (reset the Figure 2. WREN Instruction Timing
CS
SK
SI
0
0
0
0
0
1
1
0
SO
HIGH IMPEDANCE
Figure 3. WRDI Instruction Timing
CS
SK
SI
0
0
0
0
0
1
0
0
SO Note: Dashed Line= mode (1, 1) -- -- -- --
HIGH IMPEDANCE
7
Document No. 1018, Rev. I
CAT25C128/256
To read the status register, RDSR instruction should be sent. The contents of the status register are shifted out on the SO line. The status register may be read at any time even during a write cycle. Read sequece is illustrated in Figure 4. Reading status register is illustrated in Figure 5. WRITE Sequence The CAT25C128/256 powers up in a Write Disable state. Prior to any write instructions, the WREN instruction must be sent to CAT25C128/256. The device goes into Write enable state by pulling the CS low and then clocking the WREN instruction into CAT25C128/256. The CS must be brought high after the WREN instruction to enable writes to the device. If the write operation is initiated immediately after the WREN instruction without CS being brought high, the data will not be written to the array because the write enable latch will not have been Figure 4. Read Instruction Timing
CS 0 SK
OPCODE
properly set. Also, for a successful write operation the address of the memory location(s) to be programmed must be outside the protected address field location selected by the block protection level. Byte Write Once the device is in a Write Enable state, the user may proceed with a write sequence by setting the CS low, issuing a write instruction via the SI line, followed by the 16-bit address (the three Most Significant Bits are don't care for 25C256 and four most significant bits are don't care for 25C128), and then the data to be written. Programming will start after the CS is brought high. Figure 6 illustrates byte write sequence. During an internal write cycle, all commands will be ignored except the RDSR (Read Status Register) instruction.
1
2
3
4
5
6
7
8
9
10
20
21
22
23
24
25
26
27
28
29
30
SI
0
0
0
0
0
0
1
1
BYTE ADDRESS*
DATA OUT
SO
HIGH IMPEDANCE
7
MSB
6
5
4
3
2
1
0
*Please check the instruction set table for address
Note: Dashed Line= mode (1, 1) -- -- -- --
Figure 5. RDSR Timing
CS 0 SCK
OPCODE
1
2
3
4
5
6
7
8
9
10
11
12
13
14
SI
0
0
0
0
0
1
0
1
DATA OUT
SO
HIGH IMPEDANCE
7
MSB
6
5
4
3
2
1
0
Note: Dashed Line= mode (1, 1) -- -- -- --
Document No. 1018, Rev. I
8
CAT25C128/256
The Status Register can be read to determine if the write cycle is still in progress. If Bit 0 of the Status Register is set at 1, write cycle is in progress. If Bit 0 is set at 0, the device is ready for the next instruction. Page Write The CAT25C128/256 features page write capability. After the first initial byte the host may continue to write up to 64 bytes of data to the CAT25C128/256. After each byte of data is received, six lower order address bits are internally incremented by one; the high order bits of address will remain constant. The only restriction is that the 64 bytes must reside on the same page. If the Figure 6. Write Instruction Timing
CS 0 SK
OPCODE DATA IN
address counter reaches the end of the page and clock continues, the counter will "roll over" to the first address of the page and overwrite any data that may have been written. The CAT25C128/256 is automatically returned to the write disable state at the completion of the write cycle. Figure 8 illustrates the page write sequence. To write to the status register, the WRSR instruction should be sent. Only Bit 2, Bit 3 and Bit 7 of the status register can be written using the WRSR instruction. Figure 7 illustrates the sequence of writing to status register.
1
2
3
4
5
6
7
8
21
22
23
24
25
26
27
28
29
30
3
SI
0
0
0
0
0
0
1
0
ADDRESS
D7 D6 D5 D4 D3 D2 D1 D0
SO
HIGH IMPEDANCE
Note: Dashed Line= mode (1, 1) -- -- -- --
Figure 7. WRSR Timing
CS 0 SCK
OPCODE
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
DATA IN
SI
0
0
0
0
0
0
0
1
7
MSB
6
5
4
3
2
1
0
SO
HIGH IMPEDANCE
Note: Dashed Line= mode (1, 1) -- -- -- --
Figure 8. Page Write Instruction Timing
CS
0 SK
1
2
3
4
5
6
7
8
21
22
23 24-31
32-39
24+(N-1)x8-1..24+(N-1)x8 24+Nx8-1
OPCODE
DATA IN
SI
0
0
0
0
0
0
1
0
ADDRESS
Data Byte 1
Data Byte 2
Data Byte 3
Data Byte N 0 7..1
SO
Note: Dashed Line= mode (1, 1) -- -- -- --
HIGH IMPEDANCE
9
Document No. 1018, Rev. I
CAT25C128/256
DESIGN CONSIDERATIONS The CAT25C128/256 powers up in a write disable state and in a low power standby mode. A WREN instruction must be issued to perform any writes to the device after power up. Also,on power up CS should be brought low to enter a ready state and receive an instruction. After a successful byte/page write or status register write the CAT25C128/256 goes into a write disable mode. CS must be set high after the proper number of clock cycles to start an internal write cycle. Access to the array during an internal write cycle is ignored and program-ming is continued. On power up, SO is in a high impedance. Figure 9. HOLD Timing
CS tCD SCK tHD HOLD tHZ SO
HIGH IMPEDANCE
If an invalid op code is received, no data will be shifted into the CAT25C128/256, and the serial output pin (SO) will remain in a high impedence state until the falling edge of CS is detected again. When powering down, the supply should be taken down to 0V, so that the CAT25C128/256 will be reset when power is ramped back up. If this is not possible, then, following a brown-out episode, the CAT25C128/256 can be reset by refreshing the contents of the Status Register (See Application Note AN10).
tCD
tHD
tLZ
Note: Dashed Line= mode (1, 1) -- -- -- --
Figure 10. WP Timing
tWPS
tWPH
tCSH
SCK
WP
Note: Dashed Line= mode (1, 1) -- -- -- --
Document No. 1018, Rev. I
10
CAT25C128/256 ORDERING INFORMATION
Prefix CAT Device # 25C128 Product Number 25C128: 128K 25C256: 256K V Suffix I Temperature Range I = Industrial (-40C to +85C) A = Automotive (-40C to +105C) E = Extended (-40C to +125C)
Package L: PDIP V: SOIC, JEDEC** X: SOIC, EIAJ(4) Y14: 14-Pin TSSOP** Y20: 20-Pin TSSOP** **CAT25C128 only
- 1.8
-G
T3
Optional Company ID
Tape & Reel T: Tape & Reel 2: 2000/Reel 3: 3000/Reel Lead Finish Blank: Matte-Tin G: NiPdAu
Operating Voltage Blank (VCC = 2.5V to 5.5V 1.8 (VCC = 1.8V to 5.5V)
Notes: (1) All packages are RoHS-compliant (Lead-free, Halogen-free). (2) The standard finish is NiPdAu pre-plated (PPF). (3) The device used in the above example is a CAT25C128VI-1.8-GT3 (SOIC, Industrial Temperature, 1.8V to 5.5V Operating Voltage, NiPdAu, Tape & Reel). (4) For SOIC, EIAJ (X) package the standard finish is Matte-Tin. This package is available in 2000 pcs/reel, i.e. CAT25C256XI-T2. (5) For additional package and temperature options, please contact your nearest Catalyst Semiconductor Sales office.
11
Document No. 1018, Rev. I
CAT25C128/256 REVISION HISTORY
Date 8/5/2004 2/172005 05/23/2005 10/13/06 Rev. F G H I Reason Updated Features Updated DC Operating Characteristics table & notes Updated D.C. Operating Characteristics table Updated Reliability Characteristics table Update Features Update Description Update Pin Configuration Update Pin Funtions Update D.C. Operating Characteristics (VCC Range) Update A.C. Characteristics tables (VCC Range) Update Ordering Information
Copyrights, Trademarks and Patents Trademarks and registered trademarks of Catalyst Semiconductor include each of the following:
DPP TM DPPs TM AE2 TM
Catalyst Semiconductor has been issued U.S. and foreign patents and has patent applications pending that protect its products. For a complete list of patents issued to Catalyst Semiconductor contact the Company's corporate office at 408.542.1000.
CATALYST SEMICONDUCTOR MAKES NO WARRANTY, REPRESENTATION OR GUARANTEE, EXPRESS OR IMPLIED, REGARDING THE SUITABILITY OF ITS PRODUCTS FOR ANY PARTICULAR PURPOSE, NOR THAT THE USE OF ITS PRODUCTS WILL NOT INFRINGE ITS INTELLECTUAL PROPERTY RIGHTS OR THE RIGHTS OF THIRD PARTIES WITH RESPECT TO ANY PARTICULAR USE OR APPLICATION AND SPECIFICALLY DISCLAIMS ANY AND ALL LIABILITY ARISING OUT OF ANY SUCH USE OR APPLICATION, INCLUDING BUT NOT LIMITED TO, CONSEQUENTIAL OR INCIDENTAL DAMAGES.
Catalyst Semiconductor products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Catalyst Semiconductor product could create a situation where personal injury or death may occur. Catalyst Semiconductor reserves the right to make changes to or discontinue any product or service described herein without notice. Products with data sheets labeled "Advance Information" or "Preliminary" and other products described herein may not be in production or offered for sale. Catalyst Semiconductor advises customers to obtain the current version of the relevant product information before placing orders. Circuit diagrams illustrate typical semiconductor applications and may not be complete.
Catalyst Semiconductor, Inc. Corporate Headquarters 2975 Stender Way Santa Clara, CA 95054 Phone: 408.542.1000 Fax: 408.542.1200 www.catsemi.com
Document No. 1018, Rev. I
Publication #: Revison: Issue date: Type:
12
1018 I 10/13/06 Final


▲Up To Search▲   

 
Price & Availability of CAT25C256LI-18-GT3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X